PART |
Description |
Maker |
M68AW256ML70ZB6 M68AW256ML55ND1 M68AW256ML55ND1E M |
4 Mbit (256K x16) 3.0V Asynchronous SRAM 4兆位56K × 16.0V异步SRAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LH51V2008JS-70LL LH51V2008JY-70LL |
256K X 8 STANDARD SRAM, 70 ns, PDSO32 8 X 13.40 MM, 0.50 MM PITCH, TSOP1-32 256K X 8 STANDARD SRAM, 70 ns, PBGA32 6 X 10 MM, FBGA-32
|
Sharp Electronics, Corp.
|
AS7C33256PFS18B AS7C33256PFS18BV.1.7 AS7C33256PFS1 |
3.3V 256K X 18 pipeline burst synchronous SRAM 3.3 256 × 18管道爆裂同步SRAM 3.3V 256K X 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS5SS256K36ADQ-8.5/883C |
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM 256K X 36 STANDARD SRAM, 8.5 ns, PQFP100
|
Austin Semiconductor, Inc
|
CY62146CV18 CY62146CV18LL-55BAIT CY62146CV18LL-70B |
256K X 16 STANDARD SRAM, 70 ns, PBGA48 256K X 16 STANDARD SRAM, 55 ns, PBGA48 256K x 16 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
IDT71257S45C IDT71257S45Y |
256K X 1 STANDARD SRAM, 45 ns, CDIP24 256K X 1 STANDARD SRAM, 45 ns, PDSO24
|
INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C33256PFD32A-166TQIN AS7C33256PFD32A-133TQCN AS |
3.3V 256K x 32/36 pipelined burst synchronous SRAM 256K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 256K x 32/36 pipelined burst synchronous SRAM 3.3 256 × 32/36管线爆裂同步SRAM 3.3V 256K x 32/36 pipelined burst synchronous SRAM 256K X 32 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp.
|
AS7C3256PFS18A-4TQC AS7C3256PFS16A-4TQC AS7C3256PF |
3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 3.8 ns, PQFP100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
CY7C197BN-25PC CY7C197BN-15VC |
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 15 ns, PDSO24 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 25 ns, PDIP24
|
Cypress Semiconductor, Corp.
|
CY62147EV30LL-45BVXA CY62147EV30LL-45BVXI CY62147E |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor Corp.
|
MCM6929A MCM6929AWJ10 MCM6929AWJ10R MCM6929AWJ12 M |
256K x 4 Bit Fast Static Random Access Memory 256K X 4 STANDARD SRAM, 10 ns, PDSO32
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA INC
|